PART |
Description |
Maker |
MN101C67D MN101C67G |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101E13G |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101C94A |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101C93G |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101C47 MN101C47C MN101C47D |
Microcomputer - 8bit - General Purpose From old datasheet system Remote control input discriminant circuit built-in
|
Panasonic Semiconductor http://
|
H8_3822R H8_3823R H8_3824R H8_3825R |
8BIT SINGLE CHIP MICROCOMPUTER
|
Hitachi Semiconductor
|
MN103SF92GBL MN103S927 MN103S92A |
MICROCOMPUTER LSI 32-BIT, MROM, 10 MHz, MICROCONTROLLER, PQFP64 Microcomputer - 32bit - General Purpose
|
Panasonic, Corp. Panasonic Semiconductor
|
M37260E6-XXXFP M37260E6SP M37260M6-XXXFP M37260M6- |
V(cc/in): -0.3 to 6.0V; 550mW; single-chip 8-bit CMOS microcomputer with ON-screen display controller SINGLE-CHIP 8BIT CMOS MICROCOMPUTER WITH ON-SCREEN DISPLAY CONTROLLER
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
MN1021617 |
Microcomputer - 16bit - General Purpose FLGA165-C-1111
|
panasonic
|